Part Number Hot Search : 
L6713 C3371 REF02DZ 73D14 DB0603N 74ALVC16 1100S 3A010A
Product Description
Full Text Search
 

To Download NREHS930M63V8X9F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  91 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com miniature aluminum electrolytic capacitors nre-hs series rated voltage range 6.3 ~ 50vdc 160 ~ 250vdc 350 ~ 450vdc capacitance range 100 ~ 10,000 f 4.7 ~ 220 f 1.5 ~ 68 f operating temperature range -55 ~ +105c -40 ~ +105c -25 ~ +105c capacitance tolerance 20%(m) max. leakage current @ 20c 6.3 ~ 50vdc 160 ~ 450vdc 0.01cv or 3 a whichever is greater after 2 minutes cv< 1,000 f cv>1,000 f 0.1cv + 40 a (1 min.) 0.04cv + 100 a (1 min.) .03cv + 15 a (5 min.) 0.02cv + 25 a (5 min.) max. tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 s.v. (vdc) 8.0 13 20 32 44 63 200 250 300 400 450 500 c< 1,000 f 0.30 0.26 0.20 0.18 0.14 0.12 0.20 0.20 0.20 0.20 0.20 0.25 w.v. (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 c< 1,000 f 0.26 0.22 0.18 0.16 0.14 0.12 0.20 0.20 0.20 0.20 0.20 0.25 c=2,000 f 0.28 0.24 0.20 0.18 0.16 014 - - - - - - c=3,300 f 0.30 0.26 0.22 0.20 0.18 - - - - - - - c=4,700 f 0.32 0.28 0.24 0.22 - - - - - - - - c=6,800 f 0.36 0.32 0.28 - - - - - - - - - c=10,000 f 0.44 0.40 - - - - - - - - - - low temperature stability inpedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 z-25c/z+20c 4 3 2 2 2 2 3 3 3 6 6 6 z-40c/z+20c 8 6 4 4 3 3 - - - - - - load life test at rated w.v. +105c 2,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value high cv, high tem perature ,r adial leads, polarized features  extended value and high voltage  new reduced sizes characteristics rohs compliant includes all homogeneous materials *see part number system for details cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 100 101 - - - - - 8x9 150 151 - - - - 8x9 8x9 220 221 - - - 8x9 10x9 - 330 331 - - 8x9 10x9 10x9 - 470 471 8x9 8x9 8x9 10x9 - 12.5x16 680 681 8x9 10x9 10x9 12.5x16 12.5x16 16x16 1000 102 10x9 10x9 - 12.5x16 16x16 16x20 2200 222 12.5x16 12.5x16 16x16 16x20 18x20 18x25 3300 332 16x16 16x16 16x20 18x20 18x25 - 4700 472 18x16 16x20 18x20 18x25 - - 6800 682 16x20 18x20 18x25 - - - 10000 103 18x20 18x25 - - - - standard product and case size table d x l (mm) permissible ripple current (ma rms at 120hz and 105 o c) nrehs 102 m 35v 16x16 f ... rohs compliant case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi? cant, third character is multiplier series part number system precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com cap. ( f) working voltage (vdc) 6.3 10 16 25 35 50 100 - - - - - 200 150 - - - - 250 300 220 - - - 240 300 - 330 - - 270 310 360 - 470 270 295 310 370 - 570 680 300 350 370 640 640 710 1000 460 460 - 670 850 890 2200 770 770 930 1100 1200 1320 3300 930 930 1200 1200 1490 - 4700 1000 1200 1330 1490 - - 6800 1200 1330 1680 - - - 10000 1430 1680 - - - -
92 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com cap. ( f) code working voltage (vdc) 160 200 250 350 400 450 1.5 1r5 - - - - - 8x9 2.2 2r2 - - - - 8x9 10x9 3.3 3r3 - - - 8x9 10x9 - 4.7 4r7 8x9 8x9 8x9 10x9 10x9 - 6.8 6r8 8x9 8x9 10x9 12.5x16 12.5x16 12.6x16 10 100 10x9 10x9 - 12.5x16 12.5x16 16x16 22 220 - 12.5x16 12.5x16 18x16 16x20 16x20 33 330 12.5x16 12.5x16 16x16 16x20 16x20 18x25 47 470 16x16 16x16 18x16 18x20 18x20 18x25 68 680 18x16 16x20 16x20 18x25 - - 100 101 16x20 16x20 18x25 - - - 150 151 18x20 18x25 - - - - 220 221 18x25 - - - - - frequency (hz) 60 120 500 1k 10k > 1.5 ~ 6.8 f 0.65 1.00 1.20 1.30 1.50 10 ~ 68 f 0.80 1.00 1.20 1.30 1.50 100 ~ 1000 f 0.80 1.00 1.10 1.15 1.20 2200 ~ 10000 f 0.80 1.00 1.05 1.10 1.15 ripple current frequency correction factors lead spacing and diameter (mm) case dia. (d ) 8 10 12.5 16 18 lead dia. (d ) 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 standard product and case size table d x l (mm) permissible ripple current (ma rms at 120hz and 105 o c) miniature aluminum electrolytic capacitors nre-hs series cap. ( f) working voltage (vdc) 160 200 250 350 400 450 1.5-----19 2.2 - - - - 35 29 3.3 - - - 37 40 - 4.7 54 54 54 49 49 - 6.8 60 60 69 94 94 77 10 85 85 - 100 100 109 22 - 156 156 183 187 170 33 175 175 238 238 238 238 47 245 250 309 309 309 275 68 305 355 397 397 - - 100 381 381 451 - - - 150 464 532 - - - - 220 602 - - - - - d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking max. l< 16mm = 1.5mm, l> 20mm = 2.0mm


▲Up To Search▲   

 
Price & Availability of NREHS930M63V8X9F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X